PART |
Description |
Maker |
1752992001 |
Pin Header; Pitch Spacing:0.138"; Mounting Type:Surface Mount; Approval Bodies:UL, CSA, VDE; Contact Plating:Tin; Gender:Header; Leaded Process Compatible:Yes; Number of Contacts:3; Number of Rows:1
|
WEIDMULLER
|
90120-0767 |
Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex
|
10-31-1068 |
Header; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
C0402CH0G105B020A C0402CH0G105E020A C0402CH0G105W0 |
Part Number Change Notification TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products Part Number Change Notification
|
TDK Electronics
|
90136-2115 90136-2110 90136-2210 90136-2207 90136- |
C-Grid Shrd Hdr SR RA Tn-A 15Ckt 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
LP62E16512U-70LLT LP62E16512-T |
Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes 512K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
LF00 LF55C LF50CPT LF50AB LF50CDT LF50ABDT LF50ABP |
Header; No. of Contacts:24; Pitch Spacing:2mm; No. of Rows:2; Series:Milli-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin Header; Number of Contacts:16; Pitch Spacing:2mm; Number of Rows:2; Series:Milli-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
|
意法半导 STMicroelectronics N.V.
|
|